PART |
Description |
Maker |
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
C167CR-16RM SAB-C167CR-16RM SAF-C167CR-16RM SAK-C1 |
16-Bit CMOS Single-Chip Microcontrollers HT Series Hi-Temperature Basic Switch, Single Pole Double Throw Circuitry, 2 A at 250 Vac, Roller Lever Actuator, Screw Termination
|
SIEMENS AG
|
LN429YP LN229RP LN329GP |
5.0 mm X 1.5 mm Series MFSE24K3E, Mixtus, Mixed Flow fan, 7.9" diameter, 412 cfm, 700 m3/hr, 3 phase motor, Open Collector Tach RoHS Compliant: Yes 5.0 mm X 1.5 mm Series SINGLE COLOR LED, GREEN, 5 mm
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
LN429YPH LN229RPH LN329GPH |
5.0 mm X 1.5 mm Series 5.0 mm X 1.5 mm Series SINGLE COLOR LED, GREEN, 5 mm
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
74ACTQ245 74ACQ245 74ACTQ245MSAX 74ACQ245CW 74ACTQ |
Quiet Series Octal Bidirectional Transceiver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Bidirectional Transceiver Quiet Series???? Octal Buffer/Line Driver Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs Single 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
H8/36900 H8/36902F H8/36901 H8/36912F HD64F36902G |
16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列 (HD64xxx Series) 16-BIT MICROCONTROLLER
|
http:// Renesas Electronics, Corp. Renesas Electronics Corporation.
|
SA15A SA14A SA160 SA8.5A SA8.0A SA9.0A SA6.5A SA50 |
/Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination RES 24.9 OHM 1/16W .5% 0603 SMD
|
DC Components Co., Ltd.
|
APTM100UM45DAG |
Single Switch Series Diodes
|
Microsemi
|
PSS45W-090 PSS45W-120 PSS45W-150 PSS45W-180 PSS45W |
Single Output Adapter Series
|
Phihong USA Inc.
|
LF2020NP-B-392 LF2020NP-B-222 LF2020NP-B-223 LF202 |
50/60 HZ, SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 AC COMMON MODE COIL Type: LF Series AC COMMON MODE COIL AC COMMON MODE COIL , Pin Type: LF Series
|
Sumida, Corp. Sumida Corporation
|